PART |
Description |
Maker |
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
ATSAM3103 |
Versatile Low-power Audio DSP/Low-cost Effect DSP The ATSAM3103 is a member of the new ATSAM3000 family that uses DSP array technology. ... ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP From old datasheet system
|
ATMEL[ATMEL Corporation]
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|
MAX4412 MAX4412EUK-T MAX4412EXK-T MAX4413 MAX4413E |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs OP-AMP, 9000 uV OFFSET-MAX, PDSO5 Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs DUAL OP-AMP, 9000 uV OFFSET-MAX, PDSO8 "Low- Cost, Low-Power, 3V/ 5V, 500MHz, 1.7mA Single-Supply Op Amps with Rail-to-Rail Outputs" "Low- Cost, Low-Power, 3V/ 5V, 500MHz, 1.7mA Single-Supply Op Amp with Rail-to-Rail Output"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL12059 ISL12059IBZ ISL12059IBZ-T |
Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Cost and Low Power I2C Bus垄芒 Real Time Clock/Calendar
|
Intersil Corporation
|
CC1100 CC1150 |
CC1100 Single Chip Low Cost Low Power RF-Transceiver
|
ETC[ETC]
|
MAX5382PEUKTGE4 MAX5381PEUKT MAX5382PEUKGE4 |
Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
MAXIM - Dallas Semiconductor
|
|